Part Number Hot Search : 
LM64P11 BR210F 74LCX 74LCX 74HC16 MUN22 MXD1816 0NZ06
Product Description
Full Text Search
 

To Download BGA-320P-M06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FUJITSU SEMICONDUCTOR DATA SHEET
PLASTIC BALL GRID ARRAY PACKAGE
320 PIN PLASTIC
BGA-320P-M06
320-pin plastic PBGA Lead pitch Package width x package length Lead shape Sealing method Mounting height Weight 1.27 mm 27.00 mm x 27.00 mm Ball Plastic mold 2.46 mm Max 2.90 g
(BGA-320P-M06)
320-pin plastic PBGA (BGA-320P-M06)
B A
27.00(1.063) 24.000.10(.945.004) 1.44 (.057)
24.13(.950) 0.635 (.025) 1.27 (.050)
20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 YW V U T R P NM L K J H G F E D C B A
1.27 (.050) 27.00 (1.063) 24.000.10 (.945.004) INDEX 24.13 (.950) 0.635 (.025) 1.44 (.057)
0.20(.008) (4X)
o0.750.15(.030.006) o0.30(.012) M C A B o0.15(.006) M C
C
0.15(.006) C 1.660.10 (.065.004)
2.46(.097) MAX. 0.35(.014) MIN.
C
2006 FUJITSU LIMITED BGA320006S-c-2-1
Dimensions in mm (inches). Note: The values in parentheses are reference values.
The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. FUJITSU is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of the information or package dimensions in this document.
0612


▲Up To Search▲   

 
Price & Availability of BGA-320P-M06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X